Part Number Hot Search : 
CT245 TR3084 GBPC25 DF10S HN9C01FT 2SB118 3N165 CTQ080
Product Description
Full Text Search
 

To Download AM10CW-2403S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am10cw-nz 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r13 1 of 3 north america only picture coming soon features: ? wide 4:1 input voltage range ? ? high efficiency up to 88% ? ? 1500 vdc isolation ? ? over current protection ? ? no load consumption 0.12w ? models single output model input voltage (v) output voltage (v) output current max (a) isolation (vdc) max capacitive load (uf) efficiency (%) AM10CW-2403S-NZ 9-36 3.3 2.4 1500 2200 79 am10cw-2405s-nz 9-36 5 2 1500 2200 83 am10cw-2409s-nz 9-36 9 1.11 1500 680 86 am10cw-2412s-nz 9-36 12 0.83 1500 470 87 am10cw-2415s-nz 9-36 15 0.66 1500 330 87 am10cw-2424s-nz 9-36 24 0.41 1500 100 88 am10cw-4803s-nz 18-75 3.3 2.4 1500 2200 79 am10cw-4805s-nz 18-75 5 2 1500 2200 83 am10cw-4812s-nz 18-75 12 0.83 1500 470 87 am10cw-4815s-nz 18-75 15 0.66 1500 330 87 am10cw-4824s-nz 18-75 24 0.41 1500 100 88 models dual output model input voltage (v) output voltage (v) output current max (a) isolation (vdc) max capacitive load (uf) efficiency (%) am10cw-2405d-nz 9-36 5 1 1500 1000 83 am10cw-2412d-nz 9-36 12 0.41 1500 470 87 am10cw-2415d-nz 9-36 15 0.33 1500 330 87 am10cw-2424d-nz 9-36 24 0.2 1500 100 87 am10cw-4805d-nz 18-75 5 1 1500 1000 83 am10cw-4812d-nz 18-75 12 0.41 1500 470 87 am10cw-4815d-nz 18-75 15 0.33 1500 330 87 am10cw-4824d-nz 18-75 24 0.2 1500 100 87 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 24 vin 48 vin 9-36 18-75 vdc filter pi absolute maximum rating (100ms) 24 vin 48 vin -0.7 - 50 -0.7 - 100 vdc no load input current 24 vin 48 vin 12 8 ma input reflected current 24 vin 48 vin 40 30 ma input under voltage turn off 24 vin 48 vin 6.5 15.5 vdc startup time nominal input, resistive load 10 ms remote on/off control on off 3.5-12vdc or leave open 0-1.2vdc or connect to gnd, idle current 6-10ma
series am10cw-nz 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r13 2 of 3 north america only isolation specifications parameters conditions typical maximum units tested i/o voltage 60 sec, <1ma 1500 vdc resistance 500vdc >1000 mohm capacitance i/o, 100khz/0.1v 1000 pf output specifications parameters conditions typical maximum units voltage accuracy 5% to 100% load 2 3 % voltage balance (dual output models) balanced load 1.5 % over voltage protection 110-160 % of vout over current protection 110-190 % of iout short circuit protection continuous short circuit restart auto-recovery line voltage regulation (single) full load, ll to hl 0.5 % of vin line voltage regulation (dual) full load, ll to hl 1 % of vin load voltage regulation (single) 5% to 100% load 1 % load voltage regulation (dual) 5% to 100% load 1.5 % cross regulation (dual output models) 50% load on one output & 10-100% load on second load 5 % temperature coefficient 100% load 0.03 %/ o c ripple & noise 20mhz bandwidth, 5-100% load 80 mv p-p transient recovery time 25% load step change 500 s transient recovery deviation 25% load step change 5 % general specifications parameters conditions typical maximum units switching frequency 100% load 350 khz operating temperature see derating curve -40 to +85 o c storage temperature -55 to +125 o c maximum case temperature 100 o c cooling free air convection humidity 95 % rh case material aluminum alloy weight 15 g dimensions (l x w x h) 1 x 1 x 0.46 inches 25.40 x 25.40 x 11.70 mm mtbf >1,000,000 hours (mil-hdbk -217f, ground benign, t=+25 o c) maximum soldering temperature 1.5mm from case for 10 sec 300 o c environmental specifications parameters vibration test mode 10-55hz acceleration 10g, 30min one cycle, every axis tested safety specifications parameters approval ce, ul, pending standards en 55022, class b (with the recommended emc circuit) electrostatic discharge immunity iec 61000-4-2, contact 4kv, criteria b rf, electromagnetic field immunity iec 61000-4-3, 10v/m, criteria a electrical fast transient / burst immunity iec 61000-4-4, 2kv, criteria b (with the recommended emc circuit) surge immunity iec 61000-4-5, 2kv, criter ia b (with the recommended emc circuit) rf, conducted disturbance immunity iec 61000-4-6, 3 vrms, criteria a voltage dips, short interruptions & voltage variations immunity iec 61000-4-29: 0-70%, criteria b
series am10cw-nz 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r13 3 of 3 north america only pin out specifications dimensions pin single dual 1 +v input +v input 2 -v input -v input 3 on/off control on/off control 4 +v output +v output 5 no pin common 6 -v output -v output derating recommended emc circuits 24v input 48v input mov s14k35 s14k60 c1 330f/50v 330f/100v c2 1f/50v 1f/100v c3 10f/50v 10f/100v note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5 . aimtec may not have conducted de structive testing or chemical anal ysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet . 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com . dc \ dc ? converter +vin ????\ vin +vo ????\ vo cy1 1nf/2kv cy2 1nf/2kv ? c1 ????????????? ???????????? c3 ??????? ldm ??????? 4.7h c2 ???? f1 mov 25.40 (1.00) 2.54 (0.10) 20.32 (0.80) 2.54 (0.10) 10.16 (0.40) 5.08 (0.20) 7.62 (0.30) 2.54 (0.10) 10.16 (0.40) 10.16 (0.40) 25.40 (1.00) 11.70 (0.46) printed face ? 1.00 (0.39) top view side view 2.54 (0.10) 1 +v input 2 -v input ctrl 3 4 56 +v output -v output bottom view 4.10 (0.16) case tolerance 0.50 (0.02) pin diameter 1.0 0.10 (0.04 0.004) dimensions mm (inch) -40 -20 0204060 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 71 o c other models 65 o c 3.3, 5v & 5v models 71 65


▲Up To Search▲   

 
Price & Availability of AM10CW-2403S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X